PART |
Description |
Maker |
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
AAT3177IWP-T1 AAT3177 |
High Current, High Efficiency Charge Pump with Auto-Timer
|
Advanced Analogic Technologies
|
FAN5333B FAN5333A FAN5333BSX FAN5333ASX |
High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
QUARTER-BRICKSERIES LQS50A48-3V3J LQS80A48-1V5J |
High Current, High Efficiency, Low Profile
|
Emerson Network Power
|
Q62702-D930 BD487 BD488 Q62702-D929 Q62702-C825 SI |
PNP SILICON PLANAR TRANSISTORS NPN Silicon Darlington Transistor (High current gain High collector current) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87%
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
KSQ60A03LB |
Low Forward Voltage Drop Low Power Loss, High Efficiency, High Surge Current Capability
|
NIEC[Nihon Inter Electronics Corporation]
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
HLMP-1540 HLMP-1340 MV5460 MV5360 MV5762X HLMP-144 |
CLEAR LENS T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm High Efficiency Red Rectangular Solid State Lamp 2 mA High Efficiency Red Low Current T-100 & T-1 3/4 Solid State Lamp
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
RT9263ECX5 RT9263CCX5 RT9263C |
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER high efficiency, low supply current, step-up DC/DC converter
|
Richtek Technology Corporation N.A.
|
ACE705260BMH ACE705260BNH ACE705125BMH ACE705225BM |
High efficiency, Low supply current, step-up DC/DC Controller
|
ACE Technology Co., LTD.
|